データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST1S09IPU データシート(PDF) 4 Page - STMicroelectronics

部品番号 ST1S09IPU
部品情報  2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S09IPU データシート(HTML) 4 Page - STMicroelectronics

  ST1S09IPU Datasheet HTML 1Page - STMicroelectronics ST1S09IPU Datasheet HTML 2Page - STMicroelectronics ST1S09IPU Datasheet HTML 3Page - STMicroelectronics ST1S09IPU Datasheet HTML 4Page - STMicroelectronics ST1S09IPU Datasheet HTML 5Page - STMicroelectronics ST1S09IPU Datasheet HTML 6Page - STMicroelectronics ST1S09IPU Datasheet HTML 7Page - STMicroelectronics ST1S09IPU Datasheet HTML 8Page - STMicroelectronics ST1S09IPU Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Pin configuration
ST1S09
4/18
2
Pin configuration
Figure 2.
Pin connections (top view)
ST1S09A
ST1S09I
ST1S09
Table 2.
Pin description
Pin n°
Symbol
Name and function
1
FB
Feedback voltage
2
GND
System ground
3
SW
Switching pin
4VIN_SW
Power supply for the MOSFET switch
5VIN_A
Power supply for analog circuit
6
INH/PG/NC
Inhibit (to turn off the device) / Power Good / Not Connected.
Exposed
Pad
GND
To be connected to PCB ground plane for optimal electrical and thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18