データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M24128-BFMB3TP データシート(PDF) 31 Page - STMicroelectronics

部品番号 M24128-BFMB3TP
部品情報  128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128-BFMB3TP データシート(HTML) 31 Page - STMicroelectronics

Back Button M24128-BFMB3TP Datasheet HTML 27Page - STMicroelectronics M24128-BFMB3TP Datasheet HTML 28Page - STMicroelectronics M24128-BFMB3TP Datasheet HTML 29Page - STMicroelectronics M24128-BFMB3TP Datasheet HTML 30Page - STMicroelectronics M24128-BFMB3TP Datasheet HTML 31Page - STMicroelectronics M24128-BFMB3TP Datasheet HTML 32Page - STMicroelectronics M24128-BFMB3TP Datasheet HTML 33Page - STMicroelectronics M24128-BFMB3TP Datasheet HTML 34Page - STMicroelectronics M24128-BFMB3TP Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
M24128, M24C64, M24C32
Package mechanical data
31/39
Figure 16.
TSSOP8 – 8 lead thin shrink small outline, package outline
1.
Drawing is not to scale.
Table 21.
TSSOP8 – 8 lead thin shrink small outline, package mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ.
Min.
Max.
Typ.
Min.
Max.
A
1.200
0.0472
A1
0.050
0.150
0.0020
0.0059
A2
1.000
0.800
1.050
0.0394
0.0315
0.0413
b
0.190
0.300
0.0075
0.0118
c
0.090
0.200
0.0035
0.0079
CP
0.100
0.0039
D
3.000
2.900
3.100
0.1181
0.1142
0.1220
e
0.650
0.0256
E
6.400
6.200
6.600
0.2520
0.2441
0.2598
E1
4.400
4.300
4.500
0.1732
0.1693
0.1772
L
0.600
0.450
0.750
0.0236
0.0177
0.0295
L1
1.000
0.0394
α
TSSOP8AM
1
8
CP
c
L
E
E1
D
A2
A
α
e
b
4
5
A1
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39