| データシートサーチシステム |
|
VIPER17LD データシート(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER17LD データシート(HTML) 25 Page - STMicroelectronics |
|
25 / 33 page ![]() VIPER17 Operation descriptions 25/33 7.12 Brown-out protection Brown-out protection is a not-latched shutdown function activated when a condition of mains under voltage is detected. The Brown-out comparator is internally referenced to VBRth,0.45 V typ value, and disables the PWM if the voltage applied at the BR pin is below this internal reference. Under this condition the power MOSFET is turned off. Until the Brown out condition is present, the VDD voltage continuously oscillates between the VDDon and the UVLO thresholds, as shown in the timing diagram of Figure 31 on page 25. A voltage hysteresis is present to improve the noise immunity. The switching operation is restarted as the voltage on the pin is above the reference plus the before said voltage hysteresis. See Figure 31. The Brown-out comparator is provided also with a current hysteresis, IBRhyst.With this approach is possible to set the VINon threshold and VINoff thresholds separately, by properly choosing the resistors of the divider connect to the BR pin. Fixed the VINon and the VINoff levels, with reference to Figure 31, the following relationships can be established for the calculation of the resistors RH and RL: Equation 9 Figure 31. Brown-out protection: BR external setting and timing diagram Rh Rl AC_OK Disable BR 0.1V VinOK Vcc + - 0.45V 10u HV Input bus HV Input bus VinOK Vcc (pin 3) VinON VinOFF VDS Vout BR 0.45V IBRhyst 15 µA t t t t t t t HV Input bus VinOK Vcc (pin 3) VinON VinOFF VDS Vout 0.45V 15 µA t t t t t t t VDD VDD BRhyst BRth BRth INoff BRhyst INoff INon BRhyst BRhyst L I V V V V V V I V R × − − − + − = |