| データシートサーチシステム |
|
LD29080PT15R データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD29080PT15R データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 21 page ![]() Pin configuration LD29080 series 4/21 2 Pin configuration * Only for version with inhibit function. Figure 3. Pin connections (top view) DPAK PPAK Table 1. Pin description Symbol PPAK DPAK VI 21 GND 3 2 VO 43 ADJ/N.C. (1) 5 INHIBIT (2) 1 1. Not connect for fixed version. 2. Not internally pulled up; in order to assure the operating condition (device in ON mode), it must be connected to a positive voltage higher than 2V. Figure 4. Application circuit VO = VREF (1 + R1/R2) |