データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PB137 データシート(PDF) 2 Page - STMicroelectronics

部品番号 PB137
部品情報  POSITIVE VOLTAGE REGULATOR FOR BATTERY CHARGER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PB137 データシート(HTML) 2 Page - STMicroelectronics

  PB137_03 Datasheet HTML 1Page - STMicroelectronics PB137_03 Datasheet HTML 2Page - STMicroelectronics PB137_03 Datasheet HTML 3Page - STMicroelectronics PB137_03 Datasheet HTML 4Page - STMicroelectronics PB137_03 Datasheet HTML 5Page - STMicroelectronics PB137_03 Datasheet HTML 6Page - STMicroelectronics PB137_03 Datasheet HTML 7Page - STMicroelectronics PB137_03 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PB137
2/8
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
THERMAL DATA
CONNECTION DIAGRAM (top view)
ORDERING CODES
APPLICATION CIRCUIT
Symbol
Parameter²
Value
Unit
VI
DC Input Voltage
40
V
IO
Output Current
Internally Limited
mA
Ptot
Power Dissipation
Internally Limited
mW
Tstg
Storage Temperature Range
-65 to 150
°C
Top
Operating Junction Temperature Range
0 to 150
°C
Symbol
Parameter
TO-220
Unit
Rthj-case
Thermal Resistance Junction-case
3
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
50
°C/W
TYPE
OUTPUT VOLTAGE
PB137ACV
1.5 V



Html Pages

1 2 3 4 5 6 7 8