データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S9S08QD2CSC データシート(PDF) 21 Page - Freescale Semiconductor, Inc

部品番号 S9S08QD2CSC
部品情報  8-Bit HCS08 Central Processor Unit (CPU)
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC データシート(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 17Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 18Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 19Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 20Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 21Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 22Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 23Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 24Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 202 page
background image
MC9S08QD4 Series MCU Data Sheet, Rev. 3
Freescale Semiconductor
21
Chapter 2
External Signal Description
This chapter describes signals that connect to package pins. It includes pinout diagrams, table of signal
properties, and detailed discussions of signals.
2.1
Device Pin Assignment
Figure 2-1 shows the pin assignments for the 8-pin packages.
Figure 2-1. 8-Pin Packages
2.2
Recommended System Connections
Figure 2-2 shows pin connections that are common to almost all MC9S08QD4 series application systems.
1
2
3
4
8
7
6
5
PTA0/KBI1P0/TPM1CH0/ADC1P0
PTA1/KBI1P1/TPM1CH1/ADC1P1
PTA2/KBI1P2/TCLK1/ADC1P2
PTA3/KBI1P3/TCLK2/ADC1P3
VSS
VDD
PTA4/TPM2CH0O/BKGD/MS
PTA5/TPM2CH0I/IRQ/RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More