データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC107A データシート(PDF) 6 Page - STMicroelectronics

部品番号 BC107A
部品情報  Low noise general purpose audio amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BC107A データシート(HTML) 6 Page - STMicroelectronics

  BC107A Datasheet HTML 1Page - STMicroelectronics BC107A Datasheet HTML 2Page - STMicroelectronics BC107A Datasheet HTML 3Page - STMicroelectronics BC107A Datasheet HTML 4Page - STMicroelectronics BC107A Datasheet HTML 5Page - STMicroelectronics BC107A Datasheet HTML 6Page - STMicroelectronics BC107A Datasheet HTML 7Page - STMicroelectronics BC107A Datasheet HTML 8Page - STMicroelectronics BC107A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package mechanical data
BC107 - BC107B
6/9
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9