| データシートサーチシステム |
|
BDX53B データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BDX53B データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 7 page ![]() BDX53B - BDX53C - BDX54B - BDX54C Electrical characteristics 3/7 2 Electrical characteristics (TCASE=25°C unless otherwise specified) Note: For PNP types voltage and current values are negative. Table 3. Electrical characteristics Symbol Parameter Test conditions Min. Typ. Max. Unit VCEO(sus) (1) 1. Pulsed: pulse duration = 300 µs, duty cycle 1.5% Collector-emitter sustaining voltage (IB = 0) IC = 100 mA for BDX53B - BDX54B for BDX53C - BDX54C 80 100 V V ICBO Collector cut-off current (IE = 0) VCB = 80 V for BDX53B - BDX54B 0.2 mA VCB = 100 V for BDX53C - BDX54C 0.2 mA ICEO Collector cut-off current (IB = 0) VCE = 40 V for BDX53B - BDX54B 0.5 mA VCE = 50 V for BDX53C - BDX54C 0.5 mA IEBO Emitter cut-off current (IC = 0) VEB = 5 V 2mA VCE(sat) (1) Collector-emitter saturation voltage IC = 3 A; IB = 12 mA 2V VBE(sat) (1) Base-emitter saturation voltage IC = 3 A; IB = 12 mA 2.5 V hFE (1) DC current gain IC = 3 A; VCE = 3 V 750 VF (1) Diode forward voltage IF = 3 A; IF = 8 A; 1.8 2.5 2.5 V V |