| データシートサーチシステム |
|
BD679 データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BD679 データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 12 page ![]() Electrical characteristics BD6xxx 4/12 2 Electrical characteristics (Tcase = 25°C; unless otherwise specified) Table 3. Electrical characteristics Symbol Parameter Test conditions Min. Typ. Max. Unit ICEO Collector cut-off current (IB = 0) VCE = half rated VCEO 0.5 mA ICBO Collector cut-off current (IE = 0) VCE = rated VCBO VCE = rated VCBO Tc = 100 °C 0.2 2 mA IEBO Emitter cut-off current (IC = 0) VEB = 5 V 2mA VCEO(sus) (1) Collector-emitter sustaining voltage (IB = 0) for BD677, BD677A, BD678, BD678A IC = 50 mA 60 V for BD679, BD679A, BD680, BD680A IC = 50 mA 80 for BD681, BD682 IC = 50 mA 100 VCE(sat) (1) Collector-emitter saturation voltage for BD677, BD678, BD679, BD680, BD681, BD682 IC = 1.5 A IB = 30 mA 2.5 V for BD677A, BD678A, BD679A, BD680A IC = 2 A IB = 40 mA 2.8 VBE (1) Base-emitter voltage for BD677, BD678, BD679, BD680, BD681, BD682 IC = 1.5 A ___ VCE = 3 V 2.5 V for BD677A, BD678A, BD679A, BD680A IC = 2 A VCE = 3 V |