データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M24C02WMN5TP データシート(PDF) 29 Page - STMicroelectronics

部品番号 M24C02WMN5TP
部品情報  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02WMN5TP データシート(HTML) 29 Page - STMicroelectronics

Back Button M24C02WMN5TP Datasheet HTML 25Page - STMicroelectronics M24C02WMN5TP Datasheet HTML 26Page - STMicroelectronics M24C02WMN5TP Datasheet HTML 27Page - STMicroelectronics M24C02WMN5TP Datasheet HTML 28Page - STMicroelectronics M24C02WMN5TP Datasheet HTML 29Page - STMicroelectronics M24C02WMN5TP Datasheet HTML 30Page - STMicroelectronics M24C02WMN5TP Datasheet HTML 31Page - STMicroelectronics M24C02WMN5TP Datasheet HTML 32Page - STMicroelectronics M24C02WMN5TP Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
Package mechanical
29/34
Figure 16.
TSSOP8 3 x 3 mm – 8 lead thin shrink small outline, 3 x 3 mm body size,
package outline
1.
Drawing is not to scale.
2.
The circle in the top view of the package indicates the position of pin 1.
Table 21.
TSSOP8 3 x 3 mm – 8 lead thin shrink small outline, 3 x 3 mm body size,
mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.10
0.0433
A1
0.00
0.15
0.0000
0.0059
A2
0.85
0.75
0.95
0.0335
0.0295
0.0374
b
0.22
0.40
0.0087
0.0157
c
0.08
0.23
0.0031
0.0091
D
3.00
2.8
3.20
0.1181
0.1102
0.126
E
4.90
4.65
5.15
0.1929
0.1831
0.2028
E1
3.00
2.80
3.10
0.1181
0.1102
0.122
e
0.65
0.0256
L
0.60
0.40
0.80
0.0236
0.0157
0.0315
L1
0.95
0.0374
L2
0.25
0.0098
k
0°8°
0°8°
ccc
0.10
0.0039
E3_ME
1
8
ccc
c
L
E
E1
D
A2
A
k
e
b
4
5
A1
L1
L2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34