| データシートサーチシステム |
|
MD2103DFP データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MD2103DFP データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() May 2008 Rev 1 1/9 9 MD2103DFP High voltage NPN power transistor for standard definition CRT display Features ■ State-of-the-art technology: – Diffused collector “enhanced generation” ■ Stable performance versus operating temperature variation ■ Low base drive requirement ■ Tight hFE range at operating collector current ■ Fully insulated power package UL compliant ■ Integrated free wheeling diode Applications ■ Horizontal deflection output for TV Description The MD2103DFP is manufactured using diffused collector in planar technology adopting new and enhanced high voltage structure. The new MD product series show improved silicon efficiency briging updated performance to the horizontal deflection stage. Figure 1. Internal schematic diagram TO-220FP 1 2 3 RBE=65Ω (typ) Table 1. Device summary Order code Marking Package Packing MD2103DFP MD2103DFP TO-220FP Tube www.st.com |
同様の部品番号 - MD2103DFP |
|
同様の説明 - MD2103DFP |