| データシートサーチシステム |
|
BU508AW データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BU508AW データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 11 page ![]() August 2007 Rev 2 1/11 11 BU508AW High voltage NPN power transistor for standard definition CRT display Features ■ State-of-the-art technology: – Diffused collector “Enhanced generation” ■ Stable performances versus operating temperature variation ■ Low base-drive requirement ■ Tight hFE range at operating collector current ■ High ruggedness ■ TO-247 semi-insulated power package Applications ■ Horizontal deflection output for CRT TV ■ Switch mode power supplies for CRT TV Description The BU508AW is manufactured using diffused collector in planar technology adopting new and enhanced high voltage structure for updated performance to the horizontal deflection stage. Figure 1. Internal schematic diagram TO-247 1 2 3 Table 1. Device summary Order code Marking Package Packaging BU508AW BU508AW TO-247 Tube www.st.com |
同様の部品番号 - BU508AW |
|
同様の説明 - BU508AW |