| データシートサーチシステム |
|
MSC7116 データシート(PDF) 11 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC7116 データシート(HTML) 11 Page - Freescale Semiconductor, Inc |
|
11 / 60 page ![]() Pin Assignments MSC7116 Data Sheet, Rev. 13 Freescale Semiconductor 11 J18 GPIC11 GPOC11 HA3 J19 reserved HACK/HACK or HRRQ/HRRQ J20 HDSP reserved HREQ/HREQ or HTRQ/HTRQ K1 D0 K2 GND K3 D8 K4 VDDC K5 VDDM K6 GND K7 GND K8 GND K9 GND K10 GND K11 GND K12 GND K13 GND K14 GND K15 VDDIO K16 VDDIO K17 VDDC K18 reserved HA0 K19 reserved HDDS K20 reserved HDS/HDS or HWR/HWR L1 D1 L2 GND L3 D3 L4 VDDC L5 VDDM L6 GND L7 GND L8 GND L9 GND L10 GND L11 GND L12 GND L13 GND Table 1. MSC7116 Signals by Ball Designator (continued) Number Signal Names End of Reset Software Controlled Hardware Controlled GPI Enabled (Default) Interrupt Enabled GPO Enabled Primary Alternate |