データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M24C01WDW3TG データシート(PDF) 25 Page - STMicroelectronics

部品番号 M24C01WDW3TG
部品情報  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01WDW3TG データシート(HTML) 25 Page - STMicroelectronics

Back Button M24C01WDW3TG Datasheet HTML 21Page - STMicroelectronics M24C01WDW3TG Datasheet HTML 22Page - STMicroelectronics M24C01WDW3TG Datasheet HTML 23Page - STMicroelectronics M24C01WDW3TG Datasheet HTML 24Page - STMicroelectronics M24C01WDW3TG Datasheet HTML 25Page - STMicroelectronics M24C01WDW3TG Datasheet HTML 26Page - STMicroelectronics M24C01WDW3TG Datasheet HTML 27Page - STMicroelectronics M24C01WDW3TG Datasheet HTML 28Page - STMicroelectronics M24C01WDW3TG Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
Package mechanical
25/34
7
Package mechanical
Figure 12.
PDIP8 – 8 pin plastic DIP, 0.25 mm lead frame, package outline
1.
Drawing is not to scale.
Table 17.
PDIP8 – 8 pin plastic DIP, 0.25 mm lead frame, package mechanical data
Symbol
millimeters
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
5.33
0.210
A1
0.38
0.015
A2
3.30
2.92
4.95
0.130
0.115
0.195
b
0.46
0.36
0.56
0.018
0.014
0.022
b2
1.52
1.14
1.78
0.060
0.045
0.070
c
0.25
0.20
0.36
0.010
0.008
0.014
D
9.27
9.02
10.16
0.365
0.355
0.400
E
7.87
7.62
8.26
0.310
0.300
0.325
E1
6.35
6.10
7.11
0.250
0.240
0.280
e
2.54
–
–
0.100
–
–
eA
7.62
–
–
0.300
–
–
eB
10.92
0.430
L
3.30
2.92
3.81
0.130
0.115
0.150
PDIP-B
A2
A1
A
L
be
D
E1
8
1
c
eA
b2
eB
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34