| データシートサーチシステム |
|
PAM2306 データシート(PDF) 13 Page - Power Analog Micoelectronics |
|
|
|||||||||||||||||||||||||||||
PAM2306 データシート(HTML) 13 Page - Power Analog Micoelectronics |
|
13 / 15 page ![]() PCB Layout Check List When laying out the printed circuit board, the following checklist should be used to ensure proper operation of the PAM2306. These items are also illustrated graphically in Figure 1. Check the following in your layout: 1. The power traces, consisting of the GND trace, the SW trace and the VIN trace should be kept short, direct and wide. 2. Does the FB pin connect directly to the feedback resistors? The resistive divider R1/R2 must be con- nected between the (+) plate of C and ground. 3. Does the (+) plate of CIN connect to VIN as closely as possible? This capacitor provides the AC current to the internal power MOSFETs. 4. Keep the switching node, SW, away from the sensitive FB node. 5. Keep the (–) plates of C and C as close as possible. Top Bottom OUT IN OUT Figure 1 :PAM2306 Suggested Layout 13 , Power Analog Microelectronics Inc www.poweranalog.com PAM2306 Dual High-Efficiency PWM Step-Down DC-DC Coverter 07/2008 Rev 1.0 |