| データシートサーチシステム |
|
PAM2803SWAF095 データシート(PDF) 8 Page - Power Analog Micoelectronics |
|
|
|||||||||||||||||||||||||||||
PAM2803SWAF095 データシート(HTML) 8 Page - Power Analog Micoelectronics |
|
8 / 8 page ![]() Outline Dimension SOT 23 6 -- SOT 23 6 -- GAUGE PLANE SEATING PLANE GAUGE PLANE SEATING PLANE VIEW B VIEW B L1 L WITH PLANTING WITH PLANTING BASE METAL BASE METAL SECTION A-A SECTION A-A b SEE VIEWS SEE VIEWS A A e1 e Symbol A A1 A2 b c D E Spec 1.20±0.25 0.10±0.05 1.10±0.2 0.40±0.1 0.15±0.0.7 2.90±0.1 2.80±0.2 Symbol E11 e e 1 L L1 θ Spec 1.60±0.1 0.95BSC 1.90BSC 0.55±0.25 0.60REF 4°±4° 8 08/2007 PAM2803 3W High Power White LED Driver , Power Analog Microelectronics Inc www.poweranalog.com |