| データシートサーチシステム |
|
HD74LS375FPEL データシート(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS375FPEL データシート(HTML) 2 Page - Renesas Technology Corp |
|
2 / 6 page ![]() HD74LS375 Rev.2.00, Feb.18.2005, page 2 of 5 Function Table Inputs Outputs D G Q Q L H L H H H H L X L Q0 Q 0 Notes: H; high level, L; low level, X; irrelevant Q0; level of Q before the indicated steady state input conditions were established Q 0; complement of Q0 or level of Q before the indicated steady state input conditions were established Block Diagram (1/4) Enable Data To Other Latch Q Q Absolute Maximum Ratings Item Symbol Ratings Unit Supply voltage VCC 7 V Input voltage VIN 7 V Power dissipation PT 400 mW Storage temperature Tstg –65 to +150 °C Note: Voltage value, unless otherwise noted, are with respect to network ground terminal. Recommended Operating Conditions Item Symbol Min Typ Max Unit Supply voltage VCC 4.75 5.00 5.25 V IOH — — –400 µA Output current IOL — — 8 mA Operating temperature Topr –20 25 75 °C Enable input pulse width tw 20 — — ns Setup time tsu 20 — — ns Hold time th 5 — — ns |