| データシートサーチシステム |
|
HD74LS645P データシート(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS645P データシート(HTML) 2 Page - Renesas Technology Corp |
|
2 / 7 page ![]() HD74LS645 Rev.2.00, Feb.18.2005, page 2 of 6 Block Diagram A B Direction Control DIR Transceiver (1/8) Enable G Absolute Maximum Ratings Item Symbol Ratings Unit Supply voltage VCC 7 V Input voltage VIN 7 V Power dissipation PT 400 mW Storage temperature Tstg –65 to +150 °C Note: Voltage value, unless otherwise noted, are with respect to network ground terminal. Recommended Operating Conditions Item Symbol Min Typ Max Unit Supply voltage VCC 4.75 5.00 5.25 V IOH — — –15 mA Output current IOL — — 24 mA Operating temperature Topr –20 25 75 °C |