データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HD74LS125ARPEL データシート(PDF) 2 Page - Renesas Technology Corp

部品番号 HD74LS125ARPEL
部品情報  Quadruple Bus Buffer Gates (with three-state outputs)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS125ARPEL データシート(HTML) 2 Page - Renesas Technology Corp

  HD74LS125ARPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LS125ARPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LS125ARPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LS125ARPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LS125ARPEL Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HD74LS125A
Rev.2.00, Feb.18.2005, page 2 of 4
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
7
V
Input voltage
VIN
7
V
Power dissipation
PT
400
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
Voltage value, unless otherwise noted, are with respect to network ground terminal.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.75
5.00
5.25
V
High level output current
IOH
—
—
–2.6
mA
Low level output current
IOL
—
—
24
mA
Operating temperature
Topr
–20
25
75
°C
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
—
—
V
Input voltage
VIL
—
—
0.8
V
VOH
2.4
—
—
V
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V,
IOH = –2.6 mA
—
—
0.5
IOL = 24 mA
Output voltage
VOL
—
—
0.4
V
IOL = 12 mA
VCC = 4.75 V, VIH = 2 V,
VIL = 0.8 V
—
—
20
VO = 2.4 V
IOZ
—
—
–20
µA
VO = 0.4 V
VCC = 5.25 V, VIH = 2 V,
VIL = 0.8 V
IIH
—
—
20
µA
VCC = 5.25 V, VI = 2.7 V
IIL
—
—
–0.4
mA
VCC = 5.25 V, VI = 0.4 V
Input current
II
—
—
0.1
mA
VCC = 5.25 V, VI = 7 V
Short-circuit
output
current
IOS
–40
—
–225
mA
VCC = 5.25 V
Supply current
ICC
—
11
20
mA
VCC = 5.25 V
Input clamp voltage
VIK
—
—
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Note:
* VCC = 5 V, Ta = 25°C
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
min.
typ.
max.
Unit
Condition
tPLH
—
9
15
Propagation delay time
tPHL
—
7
18
tZH
—
12
20
Output enable time
tZL
—
15
25
CL = 45 pF, RL = 667
Ω
tHZ
—
—
20
Output disable time
tLZ
—
—
20
ns
CL = 5 pF, RL = 667
Ω
Note:
Refer to Test Circuit and Waveform of the Common Item "TTL Common Matter (Document No.: REJ27D0005-
0100)".



Html Pages

1 2 3 4 5