| データシートサーチシステム |
|
HD74LS152 データシート(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS152 データシート(HTML) 2 Page - Renesas Technology Corp |
|
2 / 6 page ![]() HD74LS152 Rev.2.00, Feb.18.2005, page 2 of 5 Block Diagram Output W Data Select (Binary) Data Inputs D1 D0 D2 D3 D4 D5 D6 D7 A B C Absolute Maximum Ratings Item Symbol Ratings Unit Supply voltage VCC 7 V Input voltage VIN 7 V Power dissipation PT 400 mW Storage temperature Tstg –65 to +150 °C Note: Voltage value, unless otherwise noted, are with respect to network ground terminal. Recommended Operating Conditions Item Symbol Min Typ Max Unit Supply voltage VCC 4.75 5.00 5.25 V IOH — — –400 µA Output current IOL — — 8 mA Operating temperature Topr –20 25 75 °C |