| データシートサーチシステム |
|
HD74LS166AP データシート(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS166AP データシート(HTML) 3 Page - Renesas Technology Corp |
|
3 / 8 page ![]() HD74LS166A Rev.4.00, May 10, 2006, page 3 of 7 Block Diagram Serial Input Clear Shift/Load A B C D E F G H Clock Clock Inhibit QB R CK S QA R CK S QC R CK S QD R CK S QE R CK S QF R CK S QG R CK S QH R CK S Absolute Maximum Ratings Item Symbol Ratings Unit Supply voltage VCC 7 V Input voltage VIN 7 V Power dissipation PT 400 mW Storage temperature Tstg –65 to +150 °C Note: Voltage value, unless otherwise noted, are with respect to network ground terminal. |