| データシートサーチシステム |
|
HD74LS194AP データシート(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS194AP データシート(HTML) 2 Page - Renesas Technology Corp |
|
2 / 8 page ![]() HD74LS194A Rev.3.00, Jul.15.2005, page 2 of 7 Function Table Inputs Outputs Mode Serial Parallel Clear S1 S0 Clock Left Right A B C D QA QB QC QD L X X X X X X X X X L L L L H X X L X X X X X X QA0 QB0 QC0 QD0 H H H ↑ X X a b c d a b c d H L H ↑ X H X X X X H QAn QBn QCn H L H ↑ X L X X X X L QAn QBn QCn H H L ↑ H X X X X X QBn QCn QDn H H H L ↑ L X X X X X QBn QCn QDn L H L L X X X X X X X QAo QBo QCo QDo Notes: 1. H; high level, L; low level, X; irrelevant 2. ↑; transition from low to high level 3. a to d; the level of steady-state input at inputs A, B, C, or D, respectively 4. QA0 to QD0; the level of QA, QB, QC, or QD, respectively before the indicated steady-state input conditions were established. 5. QAn to QDn; the level of QA, QB, QC, or QD, respectively before the most-recent ↑ transition of the clock. Block Diagram Clear Clock Shift Right Serial Input Shift Left Serial Input CK S Clear R QD CK S Clear R QC CK S Clear R QB CK S Clear R QA S1 S0 QA QB QC Parallel Outputs QD A Mode Control Inputs BC D Parallel Inputs |