| データシートサーチシステム |
|
HD74LS253P データシート(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS253P データシート(HTML) 2 Page - Renesas Technology Corp |
|
2 / 6 page ![]() HD74LS253 Rev.3.00, Jul.15.2005, page 2 of 5 Function Table Select inputs Data inputs Output control Output B A C0 C1 C2 C3 G Y X X X X X X H Z L L L X X X L L L L H X X X L H L H X L X X L L L H X H X X L H H L X X L X L L H L X X H X L H H H X X X L L L H H X X X H L H Notes: 1. H; high level, L; low level, X; irrelevant 2. Address inputs A and B are common to both sections. Block Diagram Output 1Y Output 2Y Output Control Output Control Data 1 Data 2 Select 1G 2G 1C0 1C1 1C2 1C3 2C0 2C1 2C2 2C3 B A Absolute Maximum Ratings Item Symbol Ratings Unit Supply voltage VCC 7 V Input voltage VIN 7 V Output voltage (off-state) VO (off) 5.5 V Operating temperature Topr –20 to +75 °C Power dissipation PT 400 mW Storage temperature Tstg –65 to +150 °C Note: Voltage value, unless otherwise noted, are with respect to network ground terminal. |