| データシートサーチシステム |
|
HD74LS259FPEL データシート(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS259FPEL データシート(HTML) 4 Page - Renesas Technology Corp |
|
4 / 8 page ![]() HD74LS259 Rev.2.00, Feb.18.2005, page 4 of 7 Electrical Characteristics (Ta = –20 to +75 °C) Item Symbol min. typ.* max. Unit Condition VIH 2.0 — — V Input voltage VIL — — 0.8 V VOH 2.7 — — V VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V, IOH = –400 µA — — 0.4 IOL = 4 mA Output voltage VOL — — 0.5 V IOL = 8 mA VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V IIH — 20 µA VCC = 5.25 V, VI = 2.7 V IIL — –0.4 mA VCC = 5.25 V, VI = 0.4 V Input current II — 0.1 mA VCC = 5.25 V, VI = 7 V Short-circuit output current IOS –20 — –100 mA VCC = 5.25 V Supply current** ICC — 22 36 mA VCC = 5.25 V Input clamp voltage VIK — — –1.5 V VCC = 4.75 V, IIN = –18 mA Notes: * VCC = 5 V, Ta = 25°C ** ICC is measured with all outputs open and all inputs grounded. Switching Characteristics (VCC = 5 V, Ta = 25°C) Item Symbol Inputs Output min. typ. max. Unit Condition tPHL Clear Q0 to Q7 — 17 27 ns tPLH — 20 32 tPHL Data Q0 to Q7 — 13 21 ns tPLH — 24 38 tPHL Address Q0 to Q7 — 18 29 ns tPLH — 22 35 Propagation delay time tPHL Enable Q0 to Q7 — 15 24 ns CL = 15 pF, RL = 2 k Ω |