| データシートサーチシステム |
|
HD74LS280P データシート(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS280P データシート(HTML) 1 Page - Renesas Technology Corp |
|
1 / 6 page ![]() Rev.3.00, Jul.15.2005, page 1 of 5 HD74LS280 9-bit Odd / Even Parity Generator / Checker REJ03D0475–0300 Rev.3.00 Jul.15.2005 This parity generator / checker offers the designer a trade-off between reduced power consumption and high performance. Although the HD74LS280 is implemented without expander inputs, the corresponding function is provided by the availability of an input at pin 4 and the absence of any internal connection at pin 3. Features • Ordering Information Part Name Package Type Package Code (Previous Code) Package Abbreviation Taping Abbreviation (Quantity) HD74LS280P DILP-14 pin PRDP0014AB-B (DP-14AV) P — HD74LS280FPEL SOP-14 pin (JEITA) PRSP0014DF-B (FP-14DAV) FP EL (2,000 pcs/reel) Notes: Please consult the sales office for the above package availability. Pin Arrangement (Top view) GND 1 2 3 4 5 6 7 14 8 9 10 11 12 13 G H NC Input I A Σ Even Σ Odd Σ Odd VCC F G E E D D B F C C I H Σ Even A B Inputs Inputs Outputs Function Table Outputs Number of inputs A through I that are high Σ Even Σ Odd 0, 2, 4, 6, 8 H L 1, 3, 5, 7, 9 L H |
同様の部品番号 - HD74LS280P |
|
同様の説明 - HD74LS280P |