データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PAM2306EN2YPCB データシート(PDF) 12 Page - Power Analog Micoelectronics

部品番号 PAM2306EN2YPCB
部品情報  Dual High-Efficiency PWM Step-Down DC-DC Coverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PAM [Power Analog Micoelectronics]
ホームページ  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2306EN2YPCB データシート(HTML) 12 Page - Power Analog Micoelectronics

Back Button PAM2306EN2YPCB Datasheet HTML 7Page - Power Analog Micoelectronics PAM2306EN2YPCB Datasheet HTML 8Page - Power Analog Micoelectronics PAM2306EN2YPCB Datasheet HTML 9Page - Power Analog Micoelectronics PAM2306EN2YPCB Datasheet HTML 10Page - Power Analog Micoelectronics PAM2306EN2YPCB Datasheet HTML 11Page - Power Analog Micoelectronics PAM2306EN2YPCB Datasheet HTML 12Page - Power Analog Micoelectronics PAM2306EN2YPCB Datasheet HTML 13Page - Power Analog Micoelectronics PAM2306EN2YPCB Datasheet HTML 14Page - Power Analog Micoelectronics PAM2306EN2YPCB Datasheet HTML 15Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
For the condition where the step-down converter
is in dropout at 100% duty cycle, the total device
dis sipation reduces to:
Since R
, quiescent current, and switching
losses all vary with input voltage, the total losses
should be investigated over the complete input
voltage range. The maximum power dissipation
depends on the t hermal r esistance o f I C
package, PCB layout, the rate of surrounding
airflow and temperature difference between
junction and ambient. The maximum power
dissipation can be calculated by the following
formula:
Where TJ(max) is the maximum allowable
junction temperature 125°C.T
is the ambient
temperature and
is the thermal resistance
from the junction to the ambient. Based on the
standard JEDEC for a two layers thermal test
board, the thermal resistance
of DFN3X3 is
60°C/W. The maximum power dissipation at T =
25°C can be calculated by following formula:
P =(125°C-25°C)/60°C/W=1.66W
The internal reference is 0.6V (Typical). The
output voltage is calculated as below:
The output voltage is given by Table 1.
Resistor selection for output voltage
setting
As the input voltage approaches the output
voltage, the converter turns the P-chan nel
transistor continuously on. In this mode the
output voltage is equal to the input voltage minus
the v oltage drop across the P - c hannel
transistor:
V= V – I
(R
+ R )
where R
= P-channel switch ON resistance,
I
= Output current, R
= I nductor D C
resistance
The reference and the circuit remain reset until
the VIN crosses its UVLO threshold.
The PAM2306 has an internal soft-start circuit
that limits the in-rush current during start-up.
This prevents possible voltage drops of the input
voltage and eliminates the output voltage
overshoot. The soft-start acts as a digital circuit
to increase the switch current in several steps to
the P-channel current limit (1500mA).
The switch peak current is limited cycle-by-cycle
to a typical value of 1500mA. In the event of an
output voltage short circuit, the device operates
with a frequency of 400kHz and minimum duty
cycle, therefore the average input current is
typically 200mA.
When the die temperature exceeds 150°C, a
reset occurs and the reset remains until the
temperature decrease to 120°C, at which time
the circuit can be restarted.
DS(ON)
A
JA
JA
A
D
OUT
IN
LOAD
dson
L
dson
LOAD
L
θ
θ
Setting the Output Voltage
Table 1:
100% Duty Cycle Operation
UVLO and Soft-Start
Short Circuit Protection
Thermal Shutdown
æö
ç÷
èø
O
R1
V =0.6×1+
R2
Vo
R1
R2
1.2V
100k
100k
1.5V
150k
100k
1.8V
200k
100k
2.5V
380k
120k
3.3V
540k
120k
2
DO
DSONH
Q
IN
P=I R
+I V
J(MAX)
A
D
JA
T-T
P=
θ
12
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2306
Dual High-Efficiency PWM Step-Down DC-DC Coverter
07/2008 Rev 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com