| データシートサーチシステム |
|
M30262F4GP データシート(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30262F4GP データシート(HTML) 2 Page - Renesas Technology Corp |
|
2 / 39 page ![]() M16C/26 Group 1. Overview Rev.1.00 2004.6.10 page 2 of 37 REJ09B0176-0100Z Item Performance Number of basic instructions 91 instructions Shortest instruction execution time 50 ns (f(BCLK)= 20MHZ, VCC1= 3.0V to 5.5V) 100 ns (f(BCLK)= 10MHZ, VCC1= 2.7V to 5.5V) Memory ROM (See the product list) capacity RAM (See the product list) I/O port P15 to P17, P6, P7, P80 to P83, 8bit x 3, 7bit x 1, 4bit x 1, 3bit x 1 P85 to P87, P90 to P93, P10 Multifunction timer Timer A:16 bits x 5 channels (TA0, TA1, TA2, TA3, TA4) Timer B:16 bits x 3 channels (TB0, TB1, TB2) Three-phase Motor Control Timer Serial I/O 2 channels (UART0, UART1) UART, clock synchronous 1 channels (UART2) UART, clock synchronous, I2C bus1, or IEBus2 A/D converter 10 bits x 8 channels DMAC 2 channels (trigger: 20 sources) Watchdog timer 15 bits x 1 (with prescaler) Interrupt 20 internal and 7 external sources, 4 software sources, 7 levels Clock generation circuit 3 circuits • Main clock • Sub-clock • On-chip oscillator(main-clock oscillation stop detect function) Power supply voltage VCC=3.0V to 5.5V (f(BCLK)=20MHZ) VCC=2.7V to 5.5V (f(BCLK)=10MHZ) Flash memory Program/erase voltage VCC=2.7V to 5.5V Number of program/erase 100 times (all area) 1000times (program area) /10000 times3 (data area) Power consumption 16mA (VCC=3V, f(BCLK)=20MHZ) 25 µA (f(BCLK)=f(XCIN)=32kHZ on RAM) 1.8 µA (VCC=3V, f(XCIN)=32kHZ, when wait mode) 0.7 µA (VCC=3V, when stop mode) I/O I/O withstand voltage 5.0V characteristics Output current 5mA Operating ambient temperature -20 to 85 °C -40 to 85 °C 3 Device configuration CMOS high performance silicon gate Package 48-pin plastic mold QFP Notes: 1. I2C bus is a trademark of Koninklijke Philips Electronics N.V. 2. IEBus is a trademark of NEC Electronics Corporation. 3. See Table 1.3 for the number of program/erase and the operating ambient temperatue. Table 1.1. Performance outline of M16C/26 group 1.2 Performance Outline Table 1.1 lists performance outline of M16C/26 group. (These circuits contain a built-in feedback resistor and external ceramic/quartz oscillator) |