| データシートサーチシステム |
|
M30262F6GP データシート(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30262F6GP データシート(HTML) 13 Page - Renesas Technology Corp |
|
13 / 39 page ![]() M16C/26 Group 4. Special Function Register (SFR) MAP Rev.1.00 2004.6.10 page 13 of 37 REJ09B0176-0100Z INT3 interrupt control register INT3IC XX00X0002 INT5 interrupt control register INT5IC XX00X0002 INT4 interrupt control register INT4IC XX00X0002 UART2 Bus collision detection interrupt control register BCNIC XXXXX0002 DMA0 interrupt control register DM0IC XXXXX0002 DMA1 interrupt control register DM1IC XXXXX0002 Key input interrupt control register KUPIC XXXXX0002 A/D conversion interrupt control register ADIC XXXXX0002 UART2 transmit interrupt control register S2TIC XXXXX0002 UART2 receive interrupt control register S2RIC XXXXX0002 UART0 transmit interrupt control register S0TIC XXXXX0002 UART0 receive interrupt control register S0RIC XXXXX0002 UART1 transmit interrupt control register S1TIC XXXXX0002 UART1 receive interrupt control register S1RIC XXXXX0002 Timer A0 interrupt control register TA0IC XXXXX0002 Timer A1 interrupt control register TA1IC XXXXX0002 Timer A2 interrupt control register TA2IC XXXXX0002 Timer A3 interrupt control register TA3IC XXXXX0002 Timer A4 interrupt control register TA4IC XXXXX0002 Timer B0 interrupt control register TB0IC XXXXX0002 Timer B1 interrupt control register TB1IC XXXXX0002 Timer B2 interrupt control register TB2IC XXXXX0002 INT0 interrupt control register INT0IC XX00X0002 INT1 interrupt control register INT1IC XX00X0002 Note :The blank areas are reserved and cannot be accessed by users. X : Nothing is mapped to this bit 004016 004116 004216 004316 004416 004516 004616 004716 004816 004916 004A16 004B16 004C16 004D16 004E16 004F16 005016 005116 005216 005316 005416 005516 005616 005716 005816 005916 005A16 005B16 005C16 005D16 005E16 005F16 006016 006116 006216 006316 006416 006516 006616 006716 006816 006916 006A16 006B16 006C16 006D16 006E16 006F16 007016 007116 007216 007316 007416 007516 007616 007716 007816 007916 007A16 007B16 007C16 007D16 007E16 007F16 Address Register Symbol After reset |