| データシートサーチシステム |
|
M38039G6HKP データシート(PDF) 70 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38039G6HKP データシート(HTML) 70 Page - Renesas Technology Corp |
|
70 / 92 page ![]() Rev.1.10 Nov 14, 2005 Page 70 of 91 REJ03B0166-0110 3803 Group (Spec.H QzROM version) PRELIMINARY Notice: This is not a final specification. Some parametric limits are subject to change. ELECTRICAL CHARACTERISTICS Absolute maximum ratings NOTES: 1. This value is 300 mW except SP package. Table 10 Absolute maximum ratings Symbol Parameter Conditions Ratings Unit VCC Power source voltages All voltages are based on VSS. When an input voltage is measured, output transistors are cut off. −0.3 to 6.5 V VI Input voltage P00-P07, P10-P17, P20-P27, P30, P31, P34-P37, P40-P47, P50-P57, P60-P67, VREF −0.3 to VCC + 0.3 V VI Input voltage P32, P33 −0.3 to 5.8 V VI Input voltage RESET, XIN −0.3 to VCC + 0.3 V VI Input voltage CNVSS −0.3 to VCC + 0.3 V VO P00-P07, P10-P17, P20-P27, P30, P31, P34-P37, P40-P47, P50-P57, P60-P67, XOUT −0.3 to VCC + 0.3 V Output voltage VO Output voltage P32, P33 −0.3 to 5.8 V Pd Power dissipation Ta=25 °C 1000(1) mW Topr Operating temperature −20 to 85 °C Tstg Storage temperature −65 to 125 °C |