データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PSD4135G2-12UI データシート(PDF) 32 Page - STMicroelectronics

部品番号 PSD4135G2-12UI
部品情報  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4135G2-12UI データシート(HTML) 32 Page - STMicroelectronics

Back Button PSD4135G2-12UI Datasheet HTML 28Page - STMicroelectronics PSD4135G2-12UI Datasheet HTML 29Page - STMicroelectronics PSD4135G2-12UI Datasheet HTML 30Page - STMicroelectronics PSD4135G2-12UI Datasheet HTML 31Page - STMicroelectronics PSD4135G2-12UI Datasheet HTML 32Page - STMicroelectronics PSD4135G2-12UI Datasheet HTML 33Page - STMicroelectronics PSD4135G2-12UI Datasheet HTML 34Page - STMicroelectronics PSD4135G2-12UI Datasheet HTML 35Page - STMicroelectronics PSD4135G2-12UI Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 93 page
background image
Preliminary Information
PSD4000 Series
29
RESET
DATA BUS
R/W
D0
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
D1
D2
D3
D4
D5
D6
D7
PAGE
REGISTER
PGR0
PGR1
PGR2
PGR3
DPLD
AND
GPLD
INTERNAL
SELECTS
AND LOGIC
FLASH
PLD
PGR4
PGR5
PGR6
PGR7
Figure 8. Page Register
The
PSD4000
Functional
Blocks
(cont.)
9.1.4 Page Register
The eight bit Page Register increases the addressing capability of the microcontroller by a
factor of up to 256. The contents of the register can also be read by the microcontroller.
The outputs of the Page Register (PGR0-PGR7) are inputs to the PLD decoder and
can be included in the Flash Memory, secondary Flash memory, and SRAM chip select
equations.
If memory paging is not needed, or if not all 8 page register bits are needed for memory
paging, then these bits may be used in the PLD for general logic. See Application
Notes.
Figure 8 shows the Page Register. The eight flip flops in the register are connected to the
internal data bus. The microcontroller can write to or read from the Page Register. The
Page Register can be accessed at address location CSIOP + E0h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93