| データシートサーチシステム |
|
PSD4235G2-12UI データシート(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD4235G2-12UI データシート(HTML) 40 Page - STMicroelectronics |
|
40 / 89 page ![]() PSD4235G2 40/89 MCU BUS INTERFACE The “no-glue logic” MCU Bus Interface block can be directly connected to most popular MCUs and their control signals. Key 16-bit MCUs, with their bus types and control signals, are shown in Table 34. The MCU interface type is specified using the PSDsoft Express. PSD Interface to a Multiplexed Bus. Figure 19 shows an example of a system using a MCU with a 16-bit multiplexed bus and a PSD4235G2. The ADIO port on the PSD is connected directly to the MCU address/data bus. Address Strobe (ALE/AS, PD0) latches the address signals internally. Latched addresses can be brought out to Port E, F or G. The PSD drives the ADIO data bus only when one of its internal resources is accessed and Read Strobe (RD, CNTL1) is active. Should the system address bus exceed sixteen bits, Ports A, B, C, or F may be used as additional address in- puts. PSD Interface to a Non-Multiplexed 8-Bit Bus. Figure 20 shows an example of a system using a MCU with a 16-bit non-multiplexed bus and a PSD4235G2. The address bus is connected to the ADIO Port, and the data bus is connected to Ports F and G. Ports F and G are in tri-state mode when the PSD is not accessed by the MCU. Should the system address bus exceed sixteen bits, Ports A, B, or C may be used for additional address inputs. Table 34. MCUs and their Control Signals Note: 1. Unused CNTL2 pin can be configured as CPLD input. Other unused pins (PD3-PD0, PF3-PF0) can be configured for other I/O func- tions. 2. ALE/AS input is optional for MCUs with a non-multiplexed bus MCU CNTL0 CNTL1 CNTL2 PD3 PD02 ADIO0 PF3-PF0 68302, 68306, MMC2001 R/W LDS UDS (Note 1) AS — (Note 1) 68330, 68331, 68332, 68340 R/W DS SIZ0 (Note 1) AS A0 (Note 1) 68LC302, MMC2001 WEL OE —WEH AS — (Note 1) 68HC16 R/W DS SIZ0 (Note 1) AS A0 (Note 1) 68HC912 R/W E LSTRB DBE EA0 (Note 1) 68HC812 3 R/W E LSTRB (Note 1) (Note 1) A0 (Note 1) 80196 WR RD BHE (Note 1) ALE A0 (Note 1) 80196SP WRL RD (Note 1) WRH ALE A0 (Note 1) 80186 WR RD BHE (Note 1) ALE A0 (Note 1) 80C161, 80C164-80C167 WR RD BHE (Note 1) ALE A0 (Note 1) 80C51XA WRL RD PSEN WRH ALE A4/D0 A3-A1 H8/300 WRL RD (Note 1) WRH AS A0 — M37702M2 R/W E BHE (Note 1) ALE A0 (Note 1) |