| データシートサーチシステム |
|
M38265EBGP データシート(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38265EBGP データシート(HTML) 20 Page - Renesas Technology Corp |
|
20 / 91 page ![]() Rev.1.00 Sep 06, 2006 page 20 of 88 REJ03B0181-0100 3826 Group (One Time PROM version) Fig. 16 Port block diagram (3) (12) Port P43 TOUT/φ output enable bit Timer 2 TOUT output System clock φ output TOUT/φ output selection bit (13) Ports P40,P71–P77 (14) Port P55 CNTR1 interrupt input (15) Ports P56,P57 A/D external trigger input D/A converter output Except P56 (16) Ports P64–P67 (17) Port P60 Analog input pin selection bit A/D converter input Serial I/O2 input DA1, DA2 output enable bits Direction register Port latch Data bus Pull-up control Direction register Port latch Data bus Direction register Port latch Data bus Pull-up control Direction register Port latch Data bus Pull-up control Direction register Port latch Data bus Pull-up control Analog input pin selection bit A/D converter input Direction register Port latch Data bus Pull-up control |