| データシートサーチシステム |
|
HD74HCT240FPEL データシート(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74HCT240FPEL データシート(HTML) 2 Page - Renesas Technology Corp |
|
2 / 7 page ![]() HD74HCT240 Rev.2.00 Mar 30, 2006 page 2 of 6 Pin Arrangement 1 2 3 4 5 6 7 8 9 10 1 G 1A1 2Y4 1A2 2Y3 1A3 2Y2 1A4 2Y1 GND VCC 2 G 1Y1 2A4 1Y2 2A3 1Y3 2A2 1Y4 2A1 20 19 18 17 16 15 14 13 12 11 (Top view) Logic Diagram Input A One of 8 Inverters To three other Inverters VCC Y Strobe G Absolute Maximum Ratings Item Symbol Ratings Unit Supply voltage range VCC –0.5 to 7.0 V Input / Output voltage VIN, VOUT –0.5 to VCC +0.5 V Input / Output diode current IIK, IOK ±20 mA Output current IO ±35 mA VCC, GND current ICC or IGND ±75 mA Power dissipation PT 500 mW Storage temperature Tstg –65 to +150 °C Note: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of which may be realized at the same time. |