データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HD74LS85FPEL データシート(PDF) 1 Page - Renesas Technology Corp

部品番号 HD74LS85FPEL
部品情報  4-bit Magnitude Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS85FPEL データシート(HTML) 1 Page - Renesas Technology Corp

  HD74LS85FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LS85FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LS85FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LS85FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LS85FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LS85FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LS85FPEL Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.2.00, Feb.18.2005, page 1 of 6
HD74LS85
4-bit Magnitude Comparator
REJ03D0421–0200
Rev.2.00
Feb.18.2005
This four bit magnitude comparator performs comparison of straight binary and straight BCD (8-4-2-1) codes. Three
fully decoded decisions about two 4-bit words (A, B) are made and are externally available at three outputs. This
device is fully expandable to any number of bits without external gates. Words of greater length may be compared by
connecting comparators in cascade. The A > B, A < B, and A = B outputs of a stage handling less-significant bits. The
stage handling the least- significant bits must have a high-level voltage applied to the A
β B input. The cascading path
is implemented with only a two-gate-level delay to reduce overall comparison times for long words.
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS85P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
—
HD74LS85FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
(Top view)
VCC
GND
15
16
1
2
3
4
5
6
7
14
8
9
10
11
12
13
B3
A<B
A<B
B0
A=B
A>B
A=B
A3
A0
B1
A2
B2
B3
Data Input
A<B
A=B
A>B
A>B
A=B
A<B
B0
A0
B1
A1
A2
B2
A3
A>B
A1
Data Inputs
Cascade
Inputs
In
Out
Outputs


同様の部品番号 - HD74LS85FPEL

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74LS85FP HITACHI-HD74LS85FP Datasheet
92Kb / 7P
4-bit Magnitude Comparators
More results

同様の説明 - HD74LS85FPEL

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74HC85 MOTOROLA-MC74HC85 Datasheet
219Kb / 8P
4-Bit Magnitude Comparator
SN54LS85 MOTOROLA-SN54LS85 Datasheet
102Kb / 4P
4-BIT MAGNITUDE COMPARATOR
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
4-BIT MAGNITUDE COMPARATOR
Jun-1989
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
4-BIT MAGNITUDE COMPARATOR
Jul-2001
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
4-Bit Magnitude Comparator
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
4-BIT MAGNITUDE COMPARATOR
Sep-2001
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
4-bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT85_CNV PHILIPS-74HC_HCT85_CNV_15 Datasheet
73Kb / 9P
4-bit magnitude comparator
December 1990
More results


Html Pages

1 2 3 4 5 6 7