| データシートサーチシステム |
|
M38263E6FS データシート(PDF) 25 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38263E6FS データシート(HTML) 25 Page - Renesas Technology Corp |
|
25 / 91 page ![]() Rev.1.00 Sep 06, 2006 page 25 of 88 REJ03B0181-0100 3826 Group (One Time PROM version) The key input interrupt is controlled by the key input control regis- ter and the port direction register. When enabling the key input interrupt, set “1” to the key input control bit. A key input can be ac- cepted from pins set as the input mode in ports P20–P27. Fig. 21 Structure of key input control register P20 key input control bit P21 key input control bit P22 key input control bit P23 key input control bit P24 key input control bit P25 key input control bit P26 key input control bit P27 key input control bit 0 : Key input interrupt disabled 1 : Key input interrupt enabled Key input control register (KIC : address 001516) b7 b0 |