| データシートサーチシステム |
|
M38046F2HKP データシート(PDF) 89 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38046F2HKP データシート(HTML) 89 Page - Renesas Technology Corp |
|
89 / 116 page ![]() Rev.1.01 Jan 25, 2005 page 89 of 114 REJ03B0131-0101Z 3804 Group (Spec. H) (2) ID Code Check Function Use this function in standard serial I/O mode. When the contents of the flash memory are not blank, the ID code sent from the pro- grammer is compared with the ID code written in the flash memory to see if they match. If the ID codes do not match, the commands sent from the programmer are not accepted. The ID code consists of 8-bit data, and its areas are FFD416 to FFDA16. Write a pro- gram which has had the ID code preset at these addresses to the flash memory. Fig. 86 ID code store addresses ROM code protect control ID7 ID6 ID5 ID4 ID3 ID2 ID1 FFDB16 FFDA16 FFD916 FFD816 FFD716 FFD616 FFD516 FFD416 Address Interrupt vector area |