データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M38047F5HKP データシート(PDF) 30 Page - Renesas Technology Corp

部品番号 M38047F5HKP
部品情報  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38047F5HKP データシート(HTML) 30 Page - Renesas Technology Corp

Back Button M38047F5HKP Datasheet HTML 26Page - Renesas Technology Corp M38047F5HKP Datasheet HTML 27Page - Renesas Technology Corp M38047F5HKP Datasheet HTML 28Page - Renesas Technology Corp M38047F5HKP Datasheet HTML 29Page - Renesas Technology Corp M38047F5HKP Datasheet HTML 30Page - Renesas Technology Corp M38047F5HKP Datasheet HTML 31Page - Renesas Technology Corp M38047F5HKP Datasheet HTML 32Page - Renesas Technology Corp M38047F5HKP Datasheet HTML 33Page - Renesas Technology Corp M38047F5HKP Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 116 page
background image
Rev.1.01
Jan 25, 2005
page 30 of 114
REJ03B0131-0101Z
3804 Group (Spec. H)
Fig. 23 Structure of timer 12, X and timer Y, Z count source selection registers
Timer 12 count source selection bits
b3b2b1b0
00 00 : f(XIN)/2 or f(XCIN)/2
00 01 : f(XIN)/4 or f(XCIN)/4
00 10 : f(XIN)/8 or f(XCIN)/8
00 11 : f(XIN)/16 or f(XCIN)/16
01 00 : f(XIN)/32 or f(XCIN)/32
01 01 : f(XIN)/64 or f(XCIN)/64
01 10 : f(XIN)/128 or f(XCIN)/128
01 11 : f(XIN)/256 or f(XCIN)/256
10 00 : f(XIN)/512 or f(XCIN)/512
10 01 : f(XIN)/1024 or f(XCIN)/1024
Timer 12, X count source selection register
(T12XCSS : address 000E16)
b7
b0
Timer X count source selection bits
b7b6b5b4
00 00 : f(XIN)/2 or f(XCIN)/2
1011 :
00 01 : f(XIN)/4 or f(XCIN)/4
1100 :
00 10 : f(XIN)/8 or f(XCIN)/8
1101 :
Not used
00 11 : f(XIN)/16 or f(XCIN)/16
1110 :
01 00 : f(XIN)/32 or f(XCIN)/32
1111 :
01 01 : f(XIN)/64 or f(XCIN)/64
01 10 : f(XIN)/128 or f(XCIN)/128
01 11 : f(XIN)/256 or f(XCIN)/256
10 00 : f(XIN)/512 or f(XCIN)/512
10 01 : f(XIN)/1024 or f(XCIN)/1024
10 10 : f(XCIN)
Timer Y, Z count source selection register
(TYZCSS : address 000F16)
Timer Y count source selection bits
b3b2b1b0
00 00 : f(XIN)/2 or f(XCIN)/2
00 01 : f(XIN)/4 or f(XCIN)/4
00 10 : f(XIN)/8 or f(XCIN)/8
00 11 : f(XIN)/16 or f(XCIN)/16
01 00 : f(XIN)/32 or f(XCIN)/32
01 01 : f(XIN)/64 or f(XCIN)/64
01 10 : f(XIN)/128 or f(XCIN)/128
01 11 : f(XIN)/256 or f(XCIN)/256
10 00 : f(XIN)/512 or f(XCIN)/512
10 01 : f(XIN)/1024 or f(XCIN)/1024
10 10 : f(XCIN)
b7
b0
Timer Z count source selection bits
b7b6b5b4
00 00 : f(XIN)/2 or f(XCIN)/2
1011 :
00 01 : f(XIN)/4 or f(XCIN)/4
1100 :
00 10 : f(XIN)/8 or f(XCIN)/8
1101 :
Not used
00 11 : f(XIN)/16 or f(XCIN)/16
1110 :
01 00 : f(XIN)/32 or f(XCIN)/32
1111 :
01 01 : f(XIN)/64 or f(XCIN)/64
01 10 : f(XIN)/128 or f(XCIN)/128
01 11 : f(XIN)/256 or f(XCIN)/256
10 00 : f(XIN)/512 or f(XCIN)/512
10 01 : f(XIN)/1024 or f(XCIN)/1024
10 10 : f(XCIN)
1011 :
1100 :
1101 :
1110 :
1111 :
Not used
1010 :
1011 :
1100 :
1101 :
1110 :
1111 :
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More