| データシートサーチシステム |
|
M66288FP データシート(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M66288FP データシート(HTML) 21 Page - Renesas Technology Corp |
|
21 / 24 page ![]() M66288FP REJ03F0156-0310 Rev.3.10 Apr.04.2008 Page 21 of 23 N-bit Delay 2 (Sliding timings of WRES and RRES at a cycle corresponding to delay length) Reset cycle 0 cycle 1 cycle 2 cycle n-1 cycle Reset cycle tRESS tRESH tDS tDH tAC tOH tDS tDH n cycle 0 cycle n+1 cycle 1 cycle n+2 cycle 2 cycle n+3 cycle 3 cycle Delay length n tRESS tRESH WCK RCK WRES Dn (0) (1) (2) (n-1) (n+1) (n+2) (n+3) (n) (1) (3) RRES (0) Qn (n-2) (2) ·····Write side ·····Read side 262144 ≥ n ≥ 16 WE, RE = "L" N-bit Delay 3 (Sliding address by disabling RE at a cycle corresponding to delay length) Reset cycle 0 cycle 1 cycle 2 cycle n-1 cycle tRESS tRESH tDS tDH tAC tOH tDS tDH n cycle 0 cycle n+1 cycle 1 cycle n+2 cycle 2 cycle n+3 cycle 3 cycle Delay length n tNREH tRES WCK RCK WRES Dn (0) (1) (2) (n-1) (n+1) (n+2) (n+3) (n) (1) (3) RRES (0) Qn (n-2) (2) ·····Write side ·····Read side 262144 ≥ n ≥ 16 WE = "L" RE HIGH-Z |