| データシートサーチシステム |
|
M38041F7HKP データシート(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38041F7HKP データシート(HTML) 21 Page - Renesas Technology Corp |
|
21 / 116 page ![]() Rev.1.01 Jan 25, 2005 page 21 of 114 REJ03B0131-0101Z 3804 Group (Spec. H) Fig. 18 Structure of port pull-up control register (4) Port P6 pull-up control register b7b0 P60 pull-up control bit 0: No pull-up 1: Pull-up P61 pull-up control bit 0: No pull-up 1: Pull-up P62 pull-up control bit 0: No pull-up 1: Pull-up P63 pull-up control bit 0: No pull-up 1: Pull-up P64 pull-up control bit 0: No pull-up 1: Pull-up P65 pull-up control bit 0: No pull-up 1: Pull-up P66 pull-up control bit 0: No pull-up 1: Pull-up P67 pull-up control bit 0: No pull-up 1: Pull-up (PULL6: address 0FF616) Note: Pull-up control is valid when the corresponding bit of the port direction register is “0” (input). When that bit is “1” (output), pull-up cannot be set to the port of which pull-up is selected. |