| データシートサーチシステム |
|
M38047F7HKP データシート(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38047F7HKP データシート(HTML) 16 Page - Renesas Technology Corp |
|
16 / 116 page ![]() Rev.1.01 Jan 25, 2005 page 16 of 114 REJ03B0131-0101Z 3804 Group (Spec. H) Fig. 13 Port block diagram (2) (10) Port P40 (11) Port P41 (13) Port P50 Port XC switch bit INT40 interrupt input Port P41 Serial I/O2 input (12) Port P47 (9) Port P37 SRDY3 output enable bit (14) Port P51 INT00 interrupt input Serial I/O3 enable bit Serial I/O3 mode selection bit Data bus Direction register Port latch Pull-up control bit Serial I/O3 ready output Pull-up control bit Data bus Direction register Port latch Port XC switch bit Oscillator CNTR2 interrupt input SRDY1 output enable bit Serial I/O1 enable bit Serial I/O1 mode selection bit Data bus Serial I/O1 ready output Timer output Data bus Direction register Port latch Pull-up control bit Sub-clock generating circuit input Port XC switch bit Pull-up control bit Data bus Direction register Port latch Pull-up control bit Data bus Direction register Port latch Serial I/O2 output Serial I/O2 transmit completion signal Serial I/O2 port selection bit P-channel output disable bit Bit 2 Timer Z operating mode bits Bit 1 Bit 0 Port latch Direction register Pull-up control bit |