| データシートサーチシステム |
|
M38048FAHKP データシート(PDF) 46 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38048FAHKP データシート(HTML) 46 Page - Renesas Technology Corp |
|
46 / 116 page ![]() Rev.1.01 Jan 25, 2005 page 46 of 114 REJ03B0131-0101Z 3804 Group (Spec. H) Fig. 39 Timing of serial I/O2 D7 D0 D1 D2 D3 D4 D5 D6 Transfer clock (Note 1) Serial I/O2 output SOUT2 Serial I/O2 input SIN2 Receive enable signal SRDY2 Serial I/O2 register write signal (Note 2) Serial I/O2 interrupt request bit set 1: When the internal clock is selected as the transfer clock, the divide ratio of f(XIN), or f(XCIN) in low-speed mode, can be selected by setting bits 0 to 2 of the serial I/O2 control register. 2: When the internal clock is selected as the transfer clock, the SOUT2 pin goes to high impedance after transfer completion. Notes |