| データシートサーチシステム |
|
STTA506 データシート(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTA506 データシート(HTML) 6 Page - STMicroelectronics |
|
6 / 10 page ![]() I I F Rd IR V R V tO V F V Fig. B : STATIC CHARACTERISTICS Conduction losses : P1 = Vt0 .IF(AV) +Rd .IF2(RMS) Reverse losses : P2 = VR .IR .(1- δ) APPLICATION DATA (Cont’d) Turn-on losses : (in the transistor, due to the diode) P5 = VR × IRM 2 × ( 3 + 2 × S ) × F 6 x dIF ⁄ dt + VR × IRM × IL × ( S + 2 ) × F 2 x dIF ⁄ dt Turn-off losses (in the diode) : P3 = VR × IRM 2 × S × F 6 xdIF ⁄ dt P3 and P5 are suitable for power MOSFET and IGBT Fig. C : TURN-OFF CHARACTERISTICS dI F /dt = VR /L dI /dt R tb ta I RM V R I V t S = tb/ta trr = ta + tb RECTIFIER OPERATION V I IL t TRANSISTOR dI /dt F dI /dt R tb ta I RM VR DIODE I V t trr = ta + tb S = tb / ta STTA506D/F/B 6/10 |