| データシートサーチシステム |
|
R32C121 データシート(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R32C121 データシート(HTML) 13 Page - Renesas Technology Corp |
|
13 / 113 page ![]() REJ03B0237-0050 Rev.0.50 Jul 31, 2008 Page 13 of 111 Under development Preliminary Specification This is a preliminary specification and is subject to change. R32C/121 Group 1. Overview Table 1.9 Pin Definitions and Functions (3/3) Function Symbol I/O Description Intelligent I/O IIO0_0 to IIO0_7 I/O Input/output for the Intelligent I/O group 0. Either input capture or output compare is selectable IIO1_0 to IIO1_7 I/O Input/output for the Intelligent I/O group 1. Either input capture or output compare is selectable UD0A, UD0B, UD1A, UD1B I Input for the two-phase encoder Serial bus interface SSO0 to SSO2 I/O Serial data output. Functions as serial data input/ output in 4-wire serial bus mode SSI0 to SSI2 I/O Serial data input. Functions as serial data input/ output in 4-wire serial bus mode SSCK0 to SSCK2 I/O Transmit/receive clock input/output SCS0 to SCS2 I/O Input/output to control the synchronous serial interface LIN module LIN0OUT to LIN1OUT O Transmit data output for the LIN communications LIN0IN to LIN1IN I Receive data input for the LIN communications CAN module CAN0IN to CAN1IN I Receive data input for the CAN communications CAN0OUT to CAN1OUT O Transmit data output for the CAN communications CAN0WU to CAN1WU I Input for the CAN wake-up interrupt |