| データシートサーチシステム |
|
HD151TS201AT データシート(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD151TS201AT データシート(HTML) 13 Page - Renesas Technology Corp |
|
13 / 29 page ![]() HD151TS201AT Rev.1.00, Oct.21.2003, page 13 of 28 I 2C Controlled Register Bit Map (cont.) Byte12 Clock Outputs Divider Control Register Bit Description Contents Default 7 Reserved 0 6 Reserved 0 5 Reserved 0 4 Reserved 0 3 Reserved 0 2 Reserved 0 1 Reserved 0 0 Reserved 0 Byte13 Clock Outputs Divider Control Register Bit Description Contents Default 7 PCISTOP# pin Enable 0 = Enable, 1 = Disable 0 6 CPUSTOP# pin Enable 0 = Enable, 1 = Disable 0 5 PWRDWN# pin Enable 0 = Enable, 1 = Disable 0 4 Reserved 0 3 Reserved 0 2 Reserved 0 1 Reserved 0 0 Reserved 0 Note: Byte 12 & 13 must be written together in every case. |