| データシートサーチシステム |
|
HD151TS207SS データシート(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD151TS207SS データシート(HTML) 23 Page - Renesas Technology Corp |
|
23 / 38 page ![]() HD151TS207SS Rev.1.00, Apr.25.2003, page 23 of 38 I 2C Controlled Register Bit Map (cont.) Byte28 Control Register Bit Description Contents Type Default Note 7 Reserved 0 = Normal, 1 = Late R/W 0 6 PCI_6 Skew Select Bit 0 = Normal, 1 = Late R/W 0 5 PCI_5 Skew Select Bit 0 = Normal, 1 = Late R/W 0 4 PCI_4 Skew Select Bit 0 = Normal, 1 = Late R/W 0 3 PCI_3 Skew Select Bit 0 = Normal, 1 = Late R/W 0 2 PCI_2 Skew Select Bit 0 = Normal, 1 = Late R/W 0 1 PCI_1 Skew Select Bit 0 = Normal, 1 = Late R/W 0 0 PCI_0 Skew Select Bit 0 = Normal, 1 = Late R/W 0 See Note 1 Note: 1. Normal = Skew1(B26[3:0]), Late = Skew1(B26[3:0]) +Skew2 (B26[7:4]). Byte29 Control Register Bit Description Contents Type Default Note 7 VCH Slew Rate Control Bit1 R/W 1 6 VCH Slew Rate Control Bit0 00 = Normal, 10 = “++” 01 = “+“ , 11 = “–” R/W 0 5 PCI Slew Rate Control Bit1 R/W 1 4 PCI Slew Rate Control Bit0 00 = Normal, 10 = “++” 01 = “+“ , 11 = “–” R/W 0 3 PCIF Slew Rate Control Bit1 R/W 1 2 PCIF Slew Rate Control Bit0 00 = Normal, 10 = “++” 01 = “+“ , 11 = “–” R/W 0 1 3V66 Slew Rate Control Bit1 R/W 1 0 3V66 Slew Rate Control Bit0 00 = Normal, 10 = “++” 01 = “+“ , 11 = “–” R/W 0 |