| データシートサーチシステム |
|
HD49335HNP データシート(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD49335HNP データシート(HTML) 13 Page - Renesas Technology Corp |
|
13 / 30 page ![]() HD49335NP/HNP Rev.1.0, Feb.12.2004, page 13 of 29 Dummy Clamp It adjusts the mis-clamp which occurs when taking the photo under the highlight conditions. (Like a sun) Normally it woks with the OB clamp, however when black level is out of the range caused by hightlight enter to OB part, it changes to clamp processing by dummy bit level. Resister settings are follows. D12, D11, D10 of address H'F7 (Dummy CP) 0, 0, 0 ; OFF 0, 0, 1 ; +32 0, 1, 0 ; +64 0, 1, 1 ; +96 : : 1, 1, 1 ; +224 The amount of offset are changes automatically depends on PGA gain in the LSI. D8, D8 of address H'F7 (DMCG) The amount of feed back current can be reduced with only dummy clamp. Data = 0:1/4 1:1/8 2:1/16 3:1/32 D10 to D12 of address H'F7 Note: OB/Dummy switching part has 1/8 hysteresis of threshold value. D8 to D9 of address H'F7 Digital output CDS AGC CDS_in BLKFB BLKSH SH AMP VRT SP1 SP2 SP1 on/off Clamp level + − − + + (+) ( −) ADC OB DET Current cell Dummy DET Detect 4clk from OPDM edge Detect 8clk from OBP edge Figure 7 Internal Bias Circuitry |