データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HD404618 データシート(PDF) 21 Page - Renesas Technology Corp

部品番号 HD404618
部品情報  4-Bit Single-Chip Microcomputer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404618 データシート(HTML) 21 Page - Renesas Technology Corp

Back Button HD404618 Datasheet HTML 17Page - Renesas Technology Corp HD404618 Datasheet HTML 18Page - Renesas Technology Corp HD404618 Datasheet HTML 19Page - Renesas Technology Corp HD404618 Datasheet HTML 20Page - Renesas Technology Corp HD404618 Datasheet HTML 21Page - Renesas Technology Corp HD404618 Datasheet HTML 22Page - Renesas Technology Corp HD404618 Datasheet HTML 23Page - Renesas Technology Corp HD404618 Datasheet HTML 24Page - Renesas Technology Corp HD404618 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
HD404618 Series
19
Table 3 Interrupt Processing and Activation Conditions
Interrupt Source
Interrupt
Control Bit
INT
0
INT
1
Timer A
Timer B
Timer C
Serial
IE
1111
11
IF0·
IM0
1000
00
IF1·
IM1
*
100
00
IFTA·
IMTA
**
10
00
IFTB·
IMTB
***
10
0
IFTC·
IMTC ****
10
IFS·
IMS
****
*
1
Note: Bits marked by * can be either 0 or 1. Their values have no effect on operation.
Instruction cycles
12
3
4
5
6
Instruction
execution*
IE reset
Interrupt
acceptance
Execution of JMPL
instruction at vector address
Execution of
instruction at
start address
of interrupt
routine
Vector address
generation
Note: * The stack is accessed and the IE reset after the instruction
is executed, even if it is a two-cycle instruction.
Stacking
Figure 8 Interrupt Processing Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91