| データシートサーチシステム |
|
HD404082 データシート(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404082 データシート(HTML) 13 Page - Renesas Technology Corp |
|
13 / 161 page ![]() HD404374/HD404384/HD404389/HD404082/HD404084 Series Rev.5.00, Sep.11.2003, page 13 of 161 GND Vcc AVcc R70/AN0 R71/AN1 R72/AN2 R73/AN3 AVss OSC1 OCS2 TEST NC NC R00/ 0 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0/ 0 R22/SI/SO R21/ R20/TOC R13/TOB R10/EVNB 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 FP-30D (Top View) P-MOS large current pins N-MOS large current pins GND Vcc AVcc R70/AN0 R71/AN1 R72/AN2 R73/AN3 AVss OSC1 OCS2 TEST R00/ 0 R10/EVNB D9 D8 D7 D6 D5 D4 D3 D2 D1 D0/ 0 R22/SI/SO R21/ R20/TOC R13/TOB 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 DP-28S (Top View) P-MOS large current pins N-MOS large current pins HD404384 Series 36 35 34 33 32 31 30 29 28 27 26 25 1 2 3 4 5 6 7 8 9 10 11 12 D5 D4 NC D3 NC D2 NC D1 NC D0/ 0 NC R22/SI/SO R70/AN0 R71/AN1 R72/AN2 R73/AN3 NC AVSS OSC1 NC OSC2 NC TEST NC 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 FP-48B (Top View) N-MOS large current pins N-MOS large current pins |