| データシートサーチシステム |
|
HD404848FS データシート(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404848FS データシート(HTML) 15 Page - Renesas Technology Corp |
|
15 / 127 page ![]() HD404849 Series 13 Memory registers 64 65 66 67 68 69 70 71 73 74 75 76 77 78 79 72 $040 $041 $042 $043 $044 $045 $046 $047 $048 $049 $04A $04B $04C $04D $04E $04F 960 $3C0 1023 $3FF MR(0) MR(1) MR(2) MR(3) MR(4) MR(5) MR(6) MR(7) MR(8) MR(9) Level 16 Level 15 Level 14 Level 13 Level 12 Level 11 Level 10 Level 9 Level 8 Level 7 Level 6 Level 5 Level 4 Level 3 Level 2 Level 1 MR(10) MR(11) MR(12) MR(13) MR(14) MR(15) PC PC PC PC PC PC PC PC PC PC PC PC ST PC CA PC 10 3 13 9 6 2 12 8 5 1 11 7 4 0 Bit 3 Bit 2 Bit 1 Bit 0 $3FC $3FD $3FE $3FF 1020 1021 1022 1023 PC –PC : ST: Status flag CA: Carry flag Program counter 13 Stack area 0 Figure 6 Configuration of Memory Registers and Stack Area, and Stack Position Bit Initial value Read/Write Bit name 3 — — Not used 2 — — Not used 0 0 R/W V0 1 — — Not used V0 0 1 Bank area selection Bank 0 is selected Bank 1 is selected Note: After reset, the value in the bank register is 0, and therefore bank 0 is selected. Bank register (V: $03F) Figure 7 Bank Register (V) |