| データシートサーチシステム |
|
HD404849FS データシート(PDF) 58 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404849FS データシート(HTML) 58 Page - Renesas Technology Corp |
|
58 / 127 page ![]() HD404849 Series 56 Timers The MCU has four timer/counters (A to D). • Timer A: Free-running timer • Timer B: Multifunction timer • Timer C: Multifunction timer • Timer D: Multifunction timer Timer A is an 8-bit free-running timer. Timers B–D are 8-bit multifunction timers, whose functions are listed in table 26. The operating modes are selected by software. Table 26 Timer Functions Functions Timer A Timer B Timer C Timer D Clock source Prescaler S Available Available Available Available Prescaler W Available — — — External event — Available — Available Timer functions Free-running Available Available Available Available Time-base Available — — — Event counter — Available — Available Reload — Available Available Available Watchdog — — Available — Input capture — — — Available Timer outputs Toggle — Available Available Available 0 output — Available Available Available 1 output — Available Available Available PWM — — Available Available Note: — implies not available. Timer A Timer A Functions: Timer A has the following functions. • Free-running timer • Clock time-base The block diagram of timer A is shown in figure 40. |